Part Number Hot Search : 
2SK134 D121J03F PBTR20 7432DC SVM1045V AXK6F IRFR01 PA15FL10
Product Description
Full Text Search
 

To Download CPE-244 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part No: CPE-244 Description: piezo audio indicator
Date: 7/10/2006 Unit: mm Page No: 1 of 5
Specifications
Operating frequency Operating voltage Current consumption Sound pressure level Rated voltage Tone Operating tempurature Storage tempurature Dimensions Weight Material Terminal RoHS 5.0 KHz 0.5 9 ~ 16 V dc 35 mA max. 80 db min. 12 V dc Continuous -30 ~ +85 C -40 ~ +95 C O14.0 x H10.0 mm 5 g max. PBT+15% Glass Pin type yes at 12 V dc at 30 cm / 12 V dc
Appearance Drawing
Tolerance: 0.5
Phone: 800.275.4899
Fax: 503.372.1266
www.cui.com
9615 SW Allen Blvd Suite 103
Beaverton, OR 97005
Part No: CPE-244 Description: piezo audio indicator
Date: 7/10/2006 Unit: mm Page No: 2 of 5
Voltage: Sound Pressure Level / Voltage: Current Consumption at 30 cm
110 105 Sound Pressure Level (dB) 100 95 90 85 80 20 Current Consumption (mA)
P
I
15 10 5
6
9
12
14
16
18
Voltage (V dc)
Measurement Method
S.P.L Measuring Circuit Mic: RION S.P.L. meter UC30 or equivalent S.G.: Hewlett Packard 33120A Function Generator or equivalent
Phone: 800.275.4899
Fax: 503.372.1266
www.cui.com
9615 SW Allen Blvd Suite 103
Beaverton, OR 97005
Part No: CPE-244 Description: piezo audio indicator
Date: 7/10/2006 Unit: mm Page No: 3 of 5
Mechanical Characteristics
Item Solderability Evaluation Standard Test Condition 90% min. of the lead terminals Lead terminals are immersed in rosin for will be wet with solder. (Except 5 seconds and then immersed in solder bath the edge of the terminal) of 270 5C for 3 1 seconds. Lead terminals are immersed up to 1.5mm from No interference in operation. buzzer's body in solder bath of 300 5C for 3 0.5 seconds or 260 5C for 10 1 seconds. No damage or cutting off. For 10 seconds, the force of 9.8N (1.0kg) is applied to each terminal in axial direction. The buzzer should be measured after applying The value of oscillation a vibration amplitude of 1.5 mm with 10 to frequency/current consumption 55 Hz band of vibration frequency to each of should be 10% of the initial the 3 perpendicular directions for 2 hours. measurements. The SPL should The part will be dropped from a height of be within 10dB compared with 75 cm onto a 40 mm thick wooden board 3 the initial measurement. times in 3 axes (X, Y, Z) for a total of 9 drops.
Soldering Heat Resistance
Terminal Mechanical Strength Vibration
Drop Test
Environment Test
Item High temp. test Low temp. test Humidity test Temp. cycle test Test Condition After being placed in a chamber at +95C for 240 hours. After being placed in a chamber at -40C for 240 hours. After being placed in a chamber at +40C and 905% relative humidity for 240 hours. The part shall be subjected to 5 cycles. One cycle will consist of:
+95 +25 -40 0.5hr 0.5hr 0.25 0.5hr 0.5hr 0.5hr 0.25 +25
Evaluation Standard
The buzzer should be measured after being placed at +25C for 4 hours. The value of the oscillation frequency/current consumption should be 10% compared to the initial measurements. The SPL should be within 10dB compared to the initial measurements.
3hours
Phone: 800.275.4899
Fax: 503.372.1266
www.cui.com
9615 SW Allen Blvd Suite 103
Beaverton, OR 97005
Part No: CPE-244 Description: piezo audio indicator
Date: 7/10/2006 Unit: mm Page No: 4 of 5
Reliability Test
Item Operating (Life Test) Test Condition 1. Continuous life test: The part will be subjected to 48 hours of continuous operation at +70C with rated voltage applied. 2. Intermittent life test: A duty cycle of 1 minute on, 1 minute off, a minimum of 5,000 times at room temp (+25 2C) with rated voltage applied. Evaluation Standard The buzzer should be measured after being placed at +25C for 4 hours. The value of the oscillation frequency/current consumption should be 10% compared to the initial measurements. The SPL should be within 13dB compared to the initial measurements.
Test Conditions
Standard Test Condition Judgement Test Condition a) Tempurature: +5 ~ +35C a) Tempurature: +25 2C b) Humidity: 45 - 85% b) Humidity: 60 - 70% c) Pressure: 860-1060 mbar c) Pressure: 860-1060 mbar
Phone: 800.275.4899
Fax: 503.372.1266
www.cui.com
9615 SW Allen Blvd Suite 103
Beaverton, OR 97005
Part No: CPE-244 Description: piezo audio indicator
Date: 7/10/2006 Unit: mm Page No: 5 of 5
Packaging
mm
mm
Phone: 800.275.4899
Fax: 503.372.1266
www.cui.com
9615 SW Allen Blvd Suite 103
mm
Beaverton, OR 97005


▲Up To Search▲   

 
Price & Availability of CPE-244

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X